Part Number Hot Search : 
EPB5065G 75000 UPD70F 3100S LTC31 8C10D TDA7261 3KP12C
Product Description
Full Text Search
 

To Download SMBJ10 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SMBG AND SMBJ5.0 THRU 170CA
SURFACE MOUNT TRANSZORBTM TRANSIENT VOLTAGE SUPPRESSOR
Stand-off Voltage - 5.0 to170 Volts
DO-214AA
MODIFIED J-BEND
Peak Pulse Power - 600 Watts
FEATURES
0.086 (2.20) 0.077 (1.95)
0.155 (3.94) 0.130 (3.30)
0.180 (4.57) 0.160 (4.06) 0.012 (0.305) 0.006 (0.152) 0.096 (2.44) 0.084 (2.13)
0.060 (1.52) 0.030 (0.76) 0.220 (5.59) 0.205 (5.21)
0.008 (0.203) MAX.
DO-215AA
GULL WING
Plastic package has Underwriters Laboratory Flammability Classification 94V-0 For surface mounted applications in order to optimize board space Low profile package Built-in strain relief Glass passivated junction Low incremental surge resistance 600W peak pulse power capability with a 10/1000s waveform, repetition rate (duty cycle): 0.01% Excellent clamping capability Fast response time: typically less than 1.0ps from 0 volts to V(BR) for unidirectional and 5.0ns for bidirectional types For devices with V(BR)10V, ID are typically less than 1.0A High temperature soldering guaranteed: 250C/10 seconds at terminals
0.125 (3.17) 0.115 (2.92)
0.245 (6.22) 0.130 (5.72)
MECHANICAL DATA
Case: JEDEC DO214AA / DO215AA molded plastic body over passivated junction Terminals: Solder plated, solderable per MIL-STD-750, Method 2026 Polarity: For unidirectional types the color band denotes the cathode, which is postitive with respect to the anode under normal TVS operation Mounting Position: Any Weight: 0.003 ounces, 0.093 gram
0.280 (7.11) 0.260 (6.60)
0.016 (0.41) 0.006 (0.15) 0.020 (0.51) MAX. 0.058 (1.47) 0.038 (0.97) 0.400 (10.16) 0.380 (9.64) 0.032 (8.10) 0.024 (6.10)
0.095 (2.41) 0.075 (1.90)
0.008 (0.20) 0.004 (0.10)
SEATING PLANE
Dimensions in inches and (millimeters)
DEVICES FOR BIDIRECTIONAL APPLICATIONS
For bidirectional use suffix C or CA for types SMB-5.0 thru SMB-170 (eg. SMBG5.0C, SMBJ170CA). Electrical characteristics apply in both directions
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25C ambient temperature unless otherwise specified.
SYMBOLS
VALUE
UNITS
Peak pulse power dissipation with a 10/1000s waveform (NOTES 1, 2, FIG. 1) Peak pulse current with a 10/1000s waveform (NOTE 1) Peak forward surge current 8.3ms single half sine-wave superimposed on rated load (JEDEC Method) (NOTES 2, 3) - unidirectional only Maximum instantaneous forward voltage at 50A (NOTE 3) unidirectional only Operating junction and storage temperature range
NOTES: (1) Non-repetitive current pulse, per Fig.3 and derated above TA=25C per Fig. 2 (2) Mounted on 0.2 x 0.2" (5.0 x 5.0mm) copper pads to each terminal (3) Measured on 8.3ms single half sine-wave. For uni-directional devices only.
PPPM IPPM IFSM VF TJ, TSTG
Minimum 600
SEE TABLE 1
Watts Amps Amps Volts C
100.0 3.5 -55 to +150
2/1/99
ELECTRICAL CHARACTERISTICS (TA=25C unless otherwise noted) TABLE 1
Device Type Gull Wing Lead SMBG5.0 SMBG5.0A SMBG6.0 SMBG6.0A SMBG6.5 SMBG6.5A SMBG7.0 SMBG7.0A SMBG7.5 SMBG7.5A SMBG8.0 SMBG8.0A SMBG8.5 SMBG8.5A SMBG9.0 SMBG9.0A SMBG10 SMBG10A SMBG11 SMBG11A SMBG12 SMBG12A SMBG13 SMBG13A SMBG14 SMBG14A SMBG15 SMBG15A SMBG16 SMBG16A SMBG17 SMBG17A SMBG18 SMBG18A SMBG20 SMBG20A SMBG22 SMBG22A SMBG24 SMBG24A SMBG26 SMBG26A SMBG28 SMBG28A SMBG30 SMBG30A SMBG33 SMBG33A SMBG36 SMBG36A SMBG40 SMBG40A SMBG43 SMBG43A SMBG45 SMBG45A SMBG48 SMBG48A SMBG51 SMBG51A Device Type Modified "J" Bend Lead SMBJ5.0 SMBJ5.0A SMBJ6.0 SMBJ6.0A SMBJ6.5 SMBJ6.5A SMBJ7.0 SMBJ7.0A SMBJ7.5 SMBJ7.5A SMBJ8.0 SMBJ8.0A SMBJ8.5 SMBJ8.5A SMBJ9.0 SMBJ9.0A SMBJ10 SMBJ10A SMBJ11 SMBJ11A SMBJ12 SMBJ12A SMBJ13 SMBJ13A SMBJ14 SMBJ14A SMBJ15 SMBJ15A SMBJ16 SMBJ16A SMBJ17 SMBJ17A SMBJ18 SMBJ18A SMBJ20 SMBJ20A SMBJ22 SMBJ22A SMBJ24 SMBJ24A SMBJ26 SMBJ26A SMBJ28 SMBJ28A SMBJ30 SMBJ30A SMBJ33 SMBJ33A SMBJ36 SMBJ36A SMBJ40 SMBJ40A SMBJ43 SMBJ43A SMBJ45 SMBJ45A SMBJ48 SMBJ48A SMBJ51 SMBJ51A Device Marking Code UNI BI KD KE KF KG KH KK KL KM KN KP KQ KR KS KT KU KV KW KX KY KZ LD LE LF LG LH LK LL LM LN LP LQ LR LS LT LU LV LW LX LY LZ MD ME MF MG MH MK ML MM MN MP MQ MR MS MT MU MV MW MX MY MZ KD KE KF KG AH AK KL KM AN AP AQ AR AS AT AU AV AW AX KY KZ BD BE LF LG BH BK BL BM LN LM LQ LR BS BT LU LV BW BX BY BZ CD CE MF MG CH CK CL CM CN CP CQ CR CS CT MU MV MW MX MY MZ Breakdown Voltage V(BR)(Volts)
(NOTE 1)
(MIN /MAX) 6.40 / 7.82 6.40 / 7.07 6.67 / 8.15 6.67 / 7.37 7.22 / 8.82 7.22 / 7.98 7.78 / 9.51 7.78 / 8.60 8.33 / 10.2 8.33 / 9.21 8.89 / 10.9 8.89 / 9.83 9.44 / 11.5 9.44 / 10.4 10.0 / 12.2 10.0 / 11.1 11.1 / 13.6 11.1 / 12.3 12.2 / 14.9 12.2 / 13.5 13.3 / 16.3 13.3 / 14.7 14.4 / 17,6 14.4 / 15.9 15,6 / 19.1 15.6 / 17.2 16.7 / 20.4 16.7 / 18.5 178 / 21.8 178 / 19.7 18.9 / 23.1 18.9 / 20.9 20.0 / 24.4 20.0 / 22.1 22.2 / 27.1 22.2 / 24.5 24.4 / 29.8 24.4 / 26.9 26.7 / 32.6 26.7 / 29.5 28.9 / 35.3 28.9 / 31.9 31.1 / 38.0 31.1 / 34.4 33.3 / 40.7 33.3 / 36.8 36.7 / 44.9 36.7 / 40.6 40.0 / 48.9 40.0 / 44.2 44.4 / 54.3 44.4 / 49.1 47.8 / 58.4 47.8 / 52.8 50.0 / 61.1 50.0 / 55.3 53.3 / 65.1 53.3 / 58.9 56.7 / 69-3 56.7 / 62.7
Test Current at IT (mA) 10 10 10 10 10 10 10 10 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1'0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0
Stand-off Voltage VWM (Volts) 5.0 5.0 6.0 6.0 6.5 6.5 7.0 7.0 7.5 7.5 8.0 8.0 8.5 8.5 9.0 9.0 10 10 11 11 12 12 13 13 14 14 15 15 16 16 17 17 18 18 20 20 22 22 24 24 26 26 28 28 30 30 33 33 36 36 40 40 43 43 45 45 48 48 51 51
Maximum Reverse Leakage ID at VWM (A) (NOTE 3) 800 800 800 800 500 500 200 200 100 100 50 50 20 20 10 10 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0
Maximum Peak Pulse Surge Current IPPM (NOTE 2) (Amps) 62.5 65.2 52.6 58.3 48.8 53.6 45.1 50.0 42.0 46.5 40.0 44.1 37.7 41.7 35.5 39.0 31.9 35.3 29.9 33.0 27.3 30.2 25.2 27.9 23.3 25.9 22.3 24.6 20.8 23.1 19.7 21.7 18.6 20.5 16.8 18.5 15.2 16.9 14.0 15.4 12.9 14.3 12.0 13.2 11.2 12.4 10.2 11.3 9.3 10.3 8.4 9.3 7.8 8.6 7.5 8.3 7.0 7.8 6.6 7.3
Maximum Clamping Voltage at IPPM VC (Volts) 9.6 9.2 11.4 10.3 12.3 11.2 13.3 12.0 14.3 12.9 15.0 13.6 15.9 14.4 16.9 15.4 18.8 17.0 20.1 18.2 22.0 19.9 23.8 21.5 25.8 23.2 26.9 24.4 28.8 26.0 30.5 27.6 32.2 29.2 35.8 32.4 39.4 35.5 43.0 38.9 46.6 42.1 50.0 45.4 53.5 48.4 59.0 53.3 64.3 58.1 71.4 64.5 76.7 69.4 80.3 72.7 85.5 77.4 91.1 82.4
ELECTRICAL CHARACTERISTICS (TA = 25C unless otherwise noted) TABLE 1 (Cont'd)
Device Type Gull Wing Lead SMBG54 SMBG54A SMBG58 SMBG58A SMBG60 SMBG60A SMBG64 SMBG64A SMBG70 SMBG70A SMBG75 SMBG75A SMBG78 SMBG78A SMBG85 SMBG85A SMBG90 SMBG90A SMBG100 SMBG100A SMBG110 SMBG110A SMBG120 SMBG120A SMBG130 SMBG130A SMBG150 SMBG150A SMBG160 SMBG160A SMBG170 SMBG170A Device Type Modified "J" Bend Lead SMBJ54 SMBJ54A SMBJ58 SMBJ58A SMBJ60 SMBJ60A SMBJ64 SMBJ64A SMBJ70 SMBJ70A SMBJ75 SMBJ75A SMBJ78 SMBJ78A SMBJ85 SMBJ85A SMBJ90 SMBJ90A SMBJ100 SMBJ100A SMBJ110 SMBJ110A SMBJ120 SMBJ120A SMBJ130 SMBJ130A SMBJ150 SMBJ150A SMBJ160 SMBJ160A SMBJ170 SMBJ170A Device Marking Code UNI BI ND NE NF NG NH NK NL NM NN NP NQ NR NS NT NU NV NW NX NY NZ PD PE PF PG PH PK PL PM PN PP PQ PR ND NE NF NG NH NK NL NM NN NP NQ NR NS NT NU NV NW NX NY NZ PD PE PF PG PH PK PL PM PN PP PQ PR Breakdown Voltage V(BR) (Volts)
(NOTE 1)
(Min /Max) 60.0 / 73.3 60.0 / 66.3 64.4 / 78.7 64.4 / 71.2 66.7 / 81.5 66.7 / 73.7 71.1 / 86.9 71.1 / 78.6 77.8 / 95.1 77.8 / 86.0 83.3 / 102 83.3 / 92.1 86.7 / 106 86.7 / 95.8 94.4 / 115 94.4 / 104 100 / 122 100 / 111 111 / 136 111 / 123 122 / 149 122 / 135 133 / 163 133 / 147 144 / 176 144 / 159 167 / 204 167 / 185 178 / 218 178 / 197 189 / 231 189 / 209
Test Current at IT (mA) 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0
Stand-off Voltage VWM (Volts) 54 54 58 58 60 60 64 64 70 70 75 75 78 78 85 85 90 90 100 100 110 110 120 120 130 130 150 150 160 160 170 170
Maximum Reverse Leakage ID at VWM (A)(NOTE 3) 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 6.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0
Maximum Peak Pulse Surge Current IPPM (NOTE 2) (Amps) 6.2 6.9 5.8 6.4 5.6 6.2 5.3 5.8 4.8 5.3 4.5 5.0 4.3 4.8 4.0 4.4 3.8 4.1 3.4 3.7 3.1 3.4 2.8 3.1 2.6 2.9 2.2 2.5 2.1 2.3 2.0 2.2
Maximum Clamping Voltage at IPPM VC (Volts) 96.3 87.1 103 93.6 107 96.8 114 103 125 113 134 121 139 126 151 137 160 146 179 162 196 177 214 193 231 209 268 243 287 259 304 275
NOTES: (1) V(BR) measured after IT applied for 300s square wave pulse or equivalent (2) Surge current waveform per Fig. 3 and derate per Fig. 2 (3) For bi-directional types having VWM of 10 Volts and less, the ID limit is doubled (4) For the bi-directional SMBG/SMBJ5.0CA, the maximum V(BR) is 7.25 Volts (5) All terms and symbols are consistent with ANSI/IEEE C62.35
APPLICATION N0TES
These surface mountable packages are designed specifically for transient voltage suppression. The wide leads assure a large surface contact for good heat dissipation, and a low resistance path for surge current flow to ground. These high speed transient voltage suppressors can be used to effectively protect sensitive components such as integrated circuits and MOS devices. A 600W (SMB) device is normally selected when the threat of transients is from lightening-induced transients conducted via external leads or 1/0 lines. It is also used to protect against switching transients induced by large coils or industrial motors. System impedance at component level in a system is usually high enough to limit the current to within the peak pulse current (IPP) rating of this series.
RECOMMENDED PAD SIZES
The pad dimensions should be 0.010" (0.25mm) longer than the contact size, in the lead axis. This allows a solder fillet to form, see Fig. below. Contact factory for soldering methods.
GULL- WING MODIFIED J-BEND
0.090" (2.28)
0.165" (4.19)
0.085" (2.16)
0.085" (2.16)
0.070" (1.78)
0.050" (1.27)
MAXIMUM RATINGS AND CHARACTERISTIC CURVES SMBG AND SMBJ5.0 THRU 170CA
FIG. 1 - PEAK PULSE POWER RATING CURVE PPPM, PEAK PULSE POWER, kW
NON-REPETITIVE PULSE WAVEFORM SHOWN IN FIG. 3 TA=25C
PEAK PULSE POWER (PPP) or CURRENT (IPP) DERATING IN PERCENTAGE, %
100
FIG. 2 - PULSE DERATING CURVE
100
10
75
50
1.0
25
0.2 x 0.2" (0.5 x 0.5mm) COPPER PAD AREAS
0.1 0.1s
1.0s
10s
100s
1.0ms
10ms
0
0
25
50
75
100
125
150
175
200
td, PULSE WIDTH, sec.
TA, AMBIENT TEMPERATURE, C
FIG. 3 - PULSE WAVEFORM
150
IPPM, PEAK PULSE CURRENT, %
tr=10sec. PEAK VALUE IPPM HALF VALUE - IPP 2 PULSE WIDTH (td) is DEFINED as the POINT WHERE the PEAK CURRENT DECAYS to 50% of IPPM
FIG. 4 - TYPICAL JUNCTION CAPACITANCE UNIDIRECTIONAL
6,000
TJ=25 C f=1.0 MHZ Vsig=50mVp-p MEASURED at ZERO BIAS
100
CJ, JUNCTION CAPACITANCE, pF
1,000
50
10/1000sec. WAVEFORM as DEFINED by R.E.A.
MEASURED at STAND-OFF VOLTAGE, VWM
0
td
0
1.0
2.0
t, TIME, ms
3.0
4.0
100
FIG. 5 - TYPICAL JUNCTION CAPACITANCE BIDIRECTIONAL
6,000
TJ=25 C f=1.0 MHZ Vsig=50mVp-p
10
1
10
100 200
VWM, REVERSE STAND-OFF VOLTAGE, VOLTS
CJ, JUNCTION CAPACITANCE, pF
1,000
MEASURED at ZERO BIAS
FIG. 6 - MAXIMUM NON-REPETITIVE PEAK FORWARD SURGE CURRENT IFSM, PEAK FORWARD SURGE CURRENT, AMPERES
200
8.3ms SINGLE HALF SINE-WAVE (JEDEC Method) UNIDIRECTIONAL ONLY
MEASURED at STAND-OFF VOLTAGE, VWM
100
100
10
1
10
100 200
10
1
10
NUMBER OF CYCLES AT 60 HZ
100
VWM, REVERSE STAND-OFF VOLTAGE, VOLTS


▲Up To Search▲   

 
Price & Availability of SMBJ10

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X